PART |
Description |
Maker |
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
22-01-1104 |
Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm
|
Molex
|
22-01-1063 22-01-1123 |
Connector Housing; Gender:Female; Number of Contacts:6; Series:5051-NM; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CRIMP HOUSING, 2.5MM 12WAY ; Ways, No. of:12; Colour:White; Current rating:2.5A; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.5N; Force, mating:2N; Housing type:White Nylon UL94V-0; Material:Nylon;
|
Molex, Inc. MOLEX INC
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
39-01-2221 39-01-2061 39-01-2021 39-01-2026 |
Header; Number of Contacts:22; Pitch Spacing:0.165"; Number of Rows:2; Gender:Female; Series:Mini-Fit Jr. 5557; Body Material:Nylon 6/6 22 CONTACT(S), MALE, POWER CONNECTOR, PLUG Panel mount plug, 6 contact, function accepts pin contact, 151 series 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Gender:Male; Number of Contacts:2; Series:5559; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:2; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm Connector Housing; Gender:Male; No. of Contacts:2; Series:5559; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; No. of Rows:2; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
14-56-2108 14-56-2248 |
CGrid SL IDT Opt G 30 SAu 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:24; Series:70400; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Insulation Displacement; Contact Current:3A; Contact Plating:Gold
|
Molex, Inc. MOLEX INC
|
09-91-0900 09-91-1200 09-91-2000 09-92-0900 09-92- |
3.96mm KK WtB Crp Trm Hsg W/LRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp terminal housing, female, 12 contact, straight, white, pcb mount 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:20; Series:KK; Body Material:Nylon; Number of Rows:1 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:7; Series:KK; Body Material:Nylon; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
50-57-9411 |
Connector Housing; Gender:Female; Number of Contacts:11; Series:71044; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; For Use With:70058 and 71851 crimp terminals; Mounting Type:PCB
|
MOLEX INC
|
PS-110 PS-250 PS-187-3V |
CONNECTOR HOUSING 1 WAY 0.250 CONNECTOR HOUSING 3 WAY 0.187 连接器外3未来.187 CONNECTOR HOUSING 1 WAY 0.110 连接器外未来0.110
|
Linear Technology, Corp. NXP Semiconductors N.V.
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
|